document number: 34001 for tec hnical questions, contact: magnetics@vishay.com www.vishay.com revision: 23-dec-09 1 low profile, high current inductor ihlw-4040cf-11 vishay dale manufactured under one or more of the following: us patents; 6,198,375/6,2 04,744/6,449,829/6,460,244. several foreign patents, and other patents pending. notes (1) all test data is referenced to 25 c ambient (2) operating temperature range - 55 c to + 125 c (3) dc current (a) that will cause an approximate t of 40 c (4) dc current (a) that will cause l 0 to drop approximately 20 % (5) the part temperature (ambient + temp. rise) should not exceed 125 c under worst case operati ng conditions. circuit design, component placement, pwb trace size and thickness, airflow and other cooling provis ions all affect the part temperature. part temperature should be veri fied in the end application. features ? shielded construction ? frequency range up to 1.0 mhz ? lowest dcr/h, in this package size ? handles high transient current spikes without saturation ? ultra low buzz noise, due to composite construction ? compliant to rohs directive 2002/95/ec applications ? pda/notebook/desktop/server applications ? high current pol converters ? low profile, high current power supplies ? battery powered devices ? dc/dc converters in distributed power systems ? dc/dc converter for field programmable gate array (fpga) standard electrical specifications l 0 inductance 20 % at 100 khz, 0.25 v, 0 a (h) dcr typ. 25 c (m ) dcr max. 25 c (m ) heat rating current dc typ. (a) (3) saturation current dc typ. (a) (4) 0.10 0.70 0.80 46 48 0.15 0.79 0.85 45 46 0.22 0.83 0.90 35.5 36 0.33 1.09 1.18 33.5 33.5 0.47 1.60 1.69 31 22 0.56 1.71 1.81 30.5 23 0.68 2.05 2.16 29 20 0.82 2.46 2.60 24 19 1.0 2.67 2.82 24 18 1.5 4.20 4.43 20 14.5 2.2 6.83 7.21 16 14 dimensions in inches [millimeters] 0.0945 [2.4] max. 0.0472 [1.20] max. 0.400 0.005 [10.16 0.127] 0.1 8 5 0.005 [4.70 0.127] 0.053 0.005 [1.346 0.127] 0.300 0.005 [7.62 0.127] xxuh (date code) 0.0 8 0 0.005 [2.032 0.127] 0.400 0.005 [10.15 0.127] 0.0 8 0 0.005 [2.032 0.127] 0.053 0.005 [1.346 0.127] 0.040 [1.016] r. (typ.) 0.035 [0. 88 9] x 45 (typ.) 0.030 [0.762] r. (typ.) description ihlw-4040cf-11 1.0 h 20 % er e3 model inductance value inductance tolerance pac kage code jedec lead (pb)-free standard global part number i hlw4040cfer1r0m11 product family size package code inductance value tol. series
www.vishay.com for technical questions, contact: magnetics@vishay.com document number: 34001 2 revision: 23-dec-09 ihlw-4040cf-11 vishay dale low profile, high current inductor performance graphs 40 100 20 60 0.000 8 0 0 10 0 30 40 20 50 0.125 60 70 0.100 0.075 0.050 0.025 ihlw-4040cf-11 0.10 h dc current (a) inductance (h) temperature (c) 40 100 20 60 0.00 8 0 0 10 0 30 40 20 50 0.25 60 70 0.20 0.15 0.10 0.05 ihlw-4040cf-11 0.15 h dc current (a) inductance (h) temperature (c) 40 100 20 60 0.00 8 0 0 10 0 30 40 20 50 0.30 60 0.24 0.1 8 0.12 0.06 ihlw-4040cf-11 0.22 h dc current (a) inductance (h) temperature (c) 40 100 20 60 0.00 8 0 0 10 0 30 40 20 50 0.35 60 0.2 8 0.21 0.14 0.07 ihlw-4040cf-11 0.33 h dc current (a) inductance (h) temperature (c) 40 100 20 60 0.00 8 0 0 10 0 30 40 20 50 0.75 0.60 0.45 0.30 0.15 ihlw-4040cf-11 0.47 h dc current (a) inductance (h) temperature (c) 40 100 20 60 0.00 8 0 0 10 0 30 40 20 50 0.75 0.60 0.45 0.30 0.15 ihlw-4040cf-11 0.56 h dc current (a) inductance (h) temperature (c) 40 100 20 60 0.0 8 0 0 10 0 30 40 20 50 1.0 0. 8 0.6 0.4 0.2 ihlw-4040cf-11 0.6 8 h dc current (a) inductance (h) temperature (c) 40 100 20 60 0.0 8 0 0 10 0 30 40 20 5 25 35 15 1.0 0. 8 0.6 0.4 0.2 ihlw-4040cf-11 0. 8 2 h dc current (a) inductance (h) temperature (c)
document number: 34001 for tec hnical questions, contact: magnetics@vishay.com www.vishay.com revision: 23-dec-09 3 ihlw-4040cf-11 low profile, high current inductor vishay dale performance graphs 40 100 20 60 0.00 8 0 0 10 0 30 40 20 5 25 35 15 1.25 1.00 0.75 0.50 0.25 ihlw-4040cf-11 1.0 h dc current (a) inductance (h) temperature (c) 40 100 20 60 0.0 8 0 0 8 0 24 32 16 4 20 2 8 12 2.5 2.0 1.5 1.0 0.5 ihlw-4040cf-11 1.5 h dc current (a) inductance (h) temperature (c) 40 100 20 60 0.0 8 0 0 10 0 25 5 20 15 2.5 2.0 1.5 1.0 0.5 ihlw-4040cf-11 2.2 h dc current (a) inductance (h) temperature (c)
document number: 91000 www.vishay.com revision: 18-jul-08 1 disclaimer legal disclaimer notice vishay all product specifications and data are subject to change without notice. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, ?vishay?), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. vishay disclaims any and all li ability arising out of the use or application of any product describ ed herein or of any information provided herein to the maximum extent permit ted by law. the product specifications do not expand or otherwise modify vishay?s terms and conditions of purcha se, including but not limited to the warranty expressed therein, which apply to these products. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of vishay. the products shown herein are not designed for use in medi cal, life-saving, or life-sustaining applications unless otherwise expressly indicated. customers using or selling vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify vishay for any damages arising or resulting from such use or sale. please contact authorized vishay personnel to obtain written terms and conditions regarding products designed for such applications. product names and markings noted herein may be trademarks of their respective owners.
|